Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DVS-44W-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DVS-44W-R
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DVS-44W-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DVS-44W-R Datasheet HTML 1Page - M-System Co.,Ltd. M6DVS-44W-R Datasheet HTML 2Page - M-System Co.,Ltd. M6DVS-44W-R Datasheet HTML 3Page - M-System Co.,Ltd. M6DVS-44W-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M6DVS
M6DVS SPECIFICATIONS
ES-7822 Rev.11 Page 1/4
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
SIGNAL TRANSMITTER
Functions & Features
• 5.9-mm wide ultra-slim design
• Low profile allows the M6D module mounted in a 120-mm
deep panel
• Galvanically isolates process instrumentation signals
• High-density mounting
• Power indicator LED
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6DVS-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M6DVS-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. M6DVS-4W4W-R/K/UL/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 100 Ω)
C: 1 – 5 mA DC (Input resistance 200 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 50 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 20 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
G: 0 – 1 mA DC (Load resistance 11 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 20 kΩ min.)
5W: -5 – +5 V DC (Load resistance 10 kΩ min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
(UL not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 3.5 msec. voltage output;
Approx. 25 msec. current output)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
Input and output: Euro terminal (torque 0.3 N·m)
Power input: Via the Installation Base (model: M6DBS)


Similar Part No. - M6DVS-44W-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF-04W-R MSYSTEM-M6DVF-04W-R Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF-04W-R/Q MSYSTEM-M6DVF-04W-R/Q Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF-2W4W-R MSYSTEM-M6DVF-2W4W-R Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF-2W4W-R/Q MSYSTEM-M6DVF-2W4W-R/Q Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results

Similar Description - M6DVS-44W-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com