Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S3D
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S3D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S3D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S3D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S3D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3A~S3M
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case: JEDEC DO-214AA molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
IF(AV)
VF
3.0 A
VRRM
50 V to 1000 V
IFSM
100 A
IR
5 μA
1.1 V
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
pF
Typical junction capacitance
4.0 V ,1MHz
CJ
-
60.0
-
Test conditions
Instantaneous forward voltage
IF=3 A
(2)
Reverse current
VR=VDC
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
100
Tj max.
150 °C
Items
Symbol
S3A
S3B
S3D
S3G
S3J
S3K
S3M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF(AV)
3A
A
Thermal resistance from junction to lead
(1)
RθJL
25
℃
/ W
Operating junction and storage temperature
range
TJ, TSTG
–55 to +150
℃
Max
UNIT
VF
-
0.98
1.10
V
Items
5
50
μA
Tj=25℃
Tj=125℃
IR
--
Symbol
Min
Type
Surface Mount Standard Rectifiers
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - S3D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3D SURGE-S3D Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3D TRSYS-S3D Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S3D JGD-S3D Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S3D SSE-S3D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S3D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com