Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8080950 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8080950
Description  Hand lever valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8080950 Datasheet(HTML) 1 Page - Festo Corporation.

  8080950 Datasheet HTML 1Page - Festo Corporation. 8080950 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hand lever valve
VHEF-H-B53E-N18
Part number: 8080950
Data sheet
Feature
Value
Valve function
5/3, exhausted
Lap
Overlap
Cover material
PA-reinforced
Max. force on actuator
200 N
Max. transverse load on actuator
200 N
Unlocking torque
0.6 Nm
Operating pressure
-0.095 MPa ... 1 MPa
Actuation type
Manual
Width
20 mm
Standard nominal flow rate
530 l/min
Pneumatic working port
1/8 NPT
Operating pressure
-0.95 bar ... 10 bar
Design
Piston gate valve
Nominal width
5.2 mm
Type code
VHEF
Exhaust air function
With flow control option
Application note
Operate by hand only
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Direct
Flow direction
Reversible
Symbol
00995889
Max. switching frequency
0.5 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating torque
0.7 Nm
Product weight
265 g
4/26/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8080950

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8080952 FESTO-8080952 Datasheet
88Kb / 2P
Hand lever valve
8080954 FESTO-8080954 Datasheet
87Kb / 2P
Hand lever valve
8080956 FESTO-8080956 Datasheet
87Kb / 2P
Hand lever valve
8080958 FESTO-8080958 Datasheet
87Kb / 2P
Hand lever valve
8080959 FESTO-8080959 Datasheet
85Kb / 2P
Selector valve
More results

Similar Description - 8080950

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-HS-B53C-G14 FESTO-VHEF-HS-B53C-G14 Datasheet
86Kb / 2P
Hand lever valve
VHEF-HS-B53E-G18 FESTO-VHEF-HS-B53E-G18 Datasheet
88Kb / 2P
Hand lever valve
VHEF-HS-M52-M-G14 FESTO-VHEF-HS-M52-M-G14 Datasheet
90Kb / 2P
Hand lever valve
VHER-H-B43C-G18 FESTO-VHER-H-B43C-G18 Datasheet
100Kb / 2P
Hand lever valve
VHER-P-H-B43C-M5 FESTO-VHER-P-H-B43C-M5 Datasheet
102Kb / 2P
Hand lever valve
VHER-P-H-B43E-B-G12 FESTO-VHER-P-H-B43E-B-G12 Datasheet
101Kb / 2P
Hand lever valve
VHER-P-H-B43E-B-G14 FESTO-VHER-P-H-B43E-B-G14 Datasheet
89Kb / 2P
Hand lever valve
VHER-P-H-B43U-B-G12 FESTO-VHER-P-H-B43U-B-G12 Datasheet
103Kb / 2P
Hand lever valve
VHEF-HT-B32-N14 FESTO-VHEF-HT-B32-N14 Datasheet
87Kb / 2P
Hand lever valve
VHEF-H-M52-M-N14 FESTO-VHEF-H-M52-M-N14 Datasheet
85Kb / 2P
Hand lever valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com