Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2REB-RBA-R/N Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2REB-RBA-R/N
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2REB-RBA-R/N Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2REB-RBA-R/N Datasheet HTML 1Page - M-System Co.,Ltd. M2REB-RBA-R/N Datasheet HTML 2Page - M-System Co.,Ltd. M2REB-RBA-R/N Datasheet HTML 3Page - M-System Co.,Ltd. M2REB-RBA-R/N Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M2REB
M2REB SPECIFICATIONS
ES-5097 Rev.11 Page 3/4
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)
FRONT VIEW
(C) Ratio/Bias Selector
The front cover cannot be turned open by 180 deg.
when there is no extra space between units.
(A) Polarity Indicator LED
(B) Ratio/Bias Display
(E) Zero Adj.
(F) Span Adj.
(D) UP/DOWN Control
Top: Ratio
Bottom: Bias
• How to Set the Ratio
Turn the Ratio/Bias Selector (C) to the top.
The Ratio/Bias Display (B) shows the current ratio (0.10 –
4.00). Press UP/DOWN Control (D) until the display shows a
desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.
• How to Set the Bias
Turn the Ratio/Bias Selector (C) to the bottom.
The Ratio/Bias Display (B) shows the current bias (0 –
100%). Press UP/DOWN Control (D) until the display shows
a desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.
• Fine Calibration
Equation:
Xo = KXi + B (proportional)
Xo = KXi + B + 100 % (inverted)
1) Calculate the input signal
Xi which results in 0 % output.
Apply the calculated input and adjust with Zero Adj. (E) the
output
Xo to 0 %.
2) Calculate the input signal
Xi which results in 100 %
output. Apply the calculated input and adjust with Span
Adj. (E) the output
Xo to 100 %.
3) Apply the calculated zero point input again and check the
output
Xo.
4) If the output has been shifted, go through (1) through (3)
again.
The unit is factory set and calibrated to the following ratio
and bias values.
Proportional characteristics: ratio (
K) = 1, Bias (B) = 0%
Inverted characteristics: ratio (
K) = -1, Bias (B) = 0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com