Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-M2 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-M2
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-M2 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-M2 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-M2 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-M2 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
Major Ratings and Characteristics
Mechanical Date
●
Case: JEDEC DO-214AC molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
JESD22-B102
●
Polarity: Laser band denotes cathode end
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
30 A
IR
5 μA
VF
1.1 V
Tj max.
150 °C
y
M
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
V
400
600
800
1000
V
70
140
280
420
560
700
j
A
A
1
30
100
200
Symbol
IF(AV)
400
600
800
1000
V
VRMS
35
VDC
Items
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
VRRM
50
100
200
50
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
Thermal resistance from junction to lead
(1)
Thermal resistance from junction to
ambient
(1)
RθJL
RθJA
IFSM
UNIT
VF
-
0.98
1.10
IF=1 A
(2)
–55 to +150
Max
Operating junction and storage temperature
range
TJ, TSTG
Type
V
℃
/ W
℃
/ W
℃
35
107
μA
Tj=25℃
Tj=125℃
IR
-
CJ
-
pF
5
50
Items
Instantaneous forward voltage
Reverse current
Symbol
Min
VR=VDC
Typical junction capacitance
Test conditions
-
4.0 V ,1MHz
-
15.0
UNIT
●
AEC-Q101 qualified
Available
Schottky diode for automotive applications
S-M1~S-M7
Rev :
www.leiditech.com
01.06.2018
1/3
S-M1
S-M2
S-M3
S-M4
S-M5
S-M6
S-M7


Similar Part No. - S-M2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S-M8050HPLT1G LEIDITECH-S-M8050HPLT1G Datasheet
378Kb / 3P
General Purpose Transistors NPN Silicon
S-M8050HPLT3G LEIDITECH-S-M8050HPLT3G Datasheet
378Kb / 3P
General Purpose Transistors NPN Silicon
S-M8050HQLT1G LEIDITECH-S-M8050HQLT1G Datasheet
378Kb / 3P
General Purpose Transistors NPN Silicon
S-M8050HQLT3G LEIDITECH-S-M8050HQLT3G Datasheet
378Kb / 3P
General Purpose Transistors NPN Silicon
S-M8050HRLT1G LEIDITECH-S-M8050HRLT1G Datasheet
378Kb / 3P
General Purpose Transistors NPN Silicon
More results

Similar Description - S-M2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8Q SEMTECH-SLVU2.8Q Datasheet
180Kb / 9P
Low Voltage TVS Diode for Automotive Applications
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
logo
STMicroelectronics
AN3361 STMICROELECTRONICS-AN3361 Datasheet
142Kb / 15P
Schottky diode avalanche performance in automotive applications
09-Sep-2011
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
Shanghai Leiditech Elec...
S-FR3A LEIDITECH-S-FR3A Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-FS3A LEIDITECH-S-FS3A Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-SK52C LEIDITECH-S-SK52C Datasheet
779Kb / 3P
Schottky diode for automotive applications
S-SS22B LEIDITECH-S-SS22B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS32B LEIDITECH-S-SS32B Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-SS52C LEIDITECH-S-SS52C Datasheet
1Mb / 3P
Schottky diode for automotive applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com