Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DXR
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DXR Datasheet HTML 1Page - M-System Co.,Ltd. M6DXR Datasheet HTML 2Page - M-System Co.,Ltd. M6DXR Datasheet HTML 3Page - M-System Co.,Ltd. M6DXR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M6DXR
M6DXR SPECIFICATIONS
ES-7833 Rev.14 Page 1/4
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
RTD TRANSMITTER
(PC programmable)
Functions & Features
• 5.9-mm wide ultra-slim design
• Low profile allows the M6D module mounted in a 120-mm
deep panel
• Accepts direct input from an RTD and provides an
isolated, linearized DC signal
• Linearization and burnout protection
• PC programmable
• High-density mounting
• Power indicator LED
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6DXR–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6DXR-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M6DXR-4Z1-R/UL/Q)
• Temperature range (e.g. 0 – 100°C)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT RTD
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 20°C, 36°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 20°C, 36°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F; min.span: 20°C, 36°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +649°C, -328 to +1200°F; min.span: 20°C, 36°F)
7: Pt 1000
(Usable range: -200 to +850°C, -328 to +1562°F; min.span: 20°C, 36°F)
9: Cu 10 @25°C
(Usable range: -50 to +250°C, -58 to +482°F; min.span: 20°C, 36°F)
0: Specify (Please provide a resistance table.)
(Configurator software is used to change the input type and
range.
Input code 7, 0 cannot be switched to/from other input
types while its temperature range can be changed. It is not
available to switch from input code 1, 3, 4, 5, and 9 to '7' or
'0'. Be aware above.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7833)
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M6DXR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1A-R MSYSTEM-M6DXAP-S1A-R Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1A-R/Q MSYSTEM-M6DXAP-S1A-R/Q Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1M-R MSYSTEM-M6DXAP-S1M-R Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1M-R/Q MSYSTEM-M6DXAP-S1M-R/Q Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results

Similar Description - M6DXR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DBS MSYSTEM-M6DBS Datasheet
268Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com