Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DXU
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DXU Datasheet HTML 1Page - M-System Co.,Ltd. M6DXU Datasheet HTML 2Page - M-System Co.,Ltd. M6DXU Datasheet HTML 3Page - M-System Co.,Ltd. M6DXU Datasheet HTML 4Page - M-System Co.,Ltd. M6DXU Datasheet HTML 5Page - M-System Co.,Ltd. M6DXU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M6DXU
M6DXU SPECIFICATIONS
ES-7853 Rev.5 Page 1/6
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
UNIVERSAL TRANSMITTER
(PC programmable)
Functions & Features
• Universal input (mV, V, mA, T/C, RTD and potentiometer)
5.9-mm ultra-slim transmitter
• Low profile allows the M6D module mounted in a 120-mm
deep panel.
• PC programmable
• High-density mounting
• Power indicator LED
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6DXU–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M6DXU-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. M6DXU-Z1Z1-M2/Q)
Non-specified orders will be shipped as default factory
settings (M6DXU-00: 4 – 20 mA input/4 – 20 mA output).
• Input range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
0: User-calibrated (Factory default: 4 – 20 mA DC)
If the unit is to be factory-calibrated to a specific
input type, please select from the following:
Current
Z1: Range 0 – 50 mA DC (Input resistance 17 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
Thermocouple
T1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
T2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
T3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
T4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
T5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
T6: B (RH) (Usable range 100 to 1820°C, 212 to 3308°F)
T7: R (Usable range -50 to +1760°C, -58 to +3200°F)
T8: S (Usable range -50 to +1760°C, -58 to +3200°F)
TN: N (Usable range -270 to +1300°C, -454 to +2372°F)
T0: Specify (Please provide an emf table.)
RTD
(2- , 3- or 4-wire)
R1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F)
R3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F)
R4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F)
R5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +649 °C, -328 to +1200°F)
R7: Pt 1000
(Usable range: -200 to +850°C, -328 to +1562°F)
R9: Cu 10 @25°C
(Usable range: -50 to +250°C, -58 to +482°F)
R0: Specify (Please provide a resistance table.)
Potentiometer
M1: Total resistance 100 – 5000 Ω
(Configurator software is used to change input over the
described range of the selected suffix code.
For changing between suffix codes, set the Input Range
Selector on the side of unit before software adjustment.)
[2] OUTPUT
0: User-calibrated (Factory default: 4 – 20 mA DC)
If the unit is to be factory-calibrated to a specific
output type, please select from the following:
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)


Similar Part No. - M6DXU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1A-R MSYSTEM-M6DXAP-S1A-R Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1A-R/Q MSYSTEM-M6DXAP-S1A-R/Q Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1M-R MSYSTEM-M6DXAP-S1M-R Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP-S1M-R/Q MSYSTEM-M6DXAP-S1M-R/Q Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results

Similar Description - M6DXU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com