Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5121 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5121
Description  Silicon NPN triple diffusion planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5121 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5121 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5121 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC5121
Silicon NPN triple diffusion planar type
For general amplification
s Features
q
High collector to base voltage VCBO
q
High collector to emitter VCEO
q
Small collector output capacitance Cob
q
TO-126 package, which is fitted to a heat sink without any insu-
lation parts
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
400
400
7
100
70
1.2
150
–55 to +150
Unit
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
Hot ICEO
VCEO
VEBO
hFE
VCE(sat)
fT
Cob
Conditions
VCB = 300V, IE = 0
VCE = 380V, IB = 0, Ta = 80°C
IC = 100µA, IB = 0
IE = 1µA, IC = 0
VCE = 10V, IC = 5mA
IC = 50mA, IB = 5mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
400
7
30
50
typ
80
4
max
10
10
150
1.2
8
Unit
µA
µA
V
V
V
MHz
pF
Unit: mm
1:Emitter
2:Collector
3:Base
JEDEC:TO–126(b)
3.2
±0.2
0.5
±0.1
0.75
±0.1
0.5
±0.1
1.76
±0.1
8.0
+0.5
–0.1
1
4.6
±0.2
2.3
±0.2
3
2
φ3.16±0.1


Similar Part No. - 2SC5121

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC512 NJSEMI-2SC512 Datasheet
196Kb / 3P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR
logo
Hitachi Semiconductor
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
High frequency amplifier
logo
Toshiba Semiconductor
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
113Kb / 4P
Silicon NPN Triple Diffused Type
2SC5122 TOSHIBA-2SC5122 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
2SC3871 PANASONIC-2SC3871 Datasheet
62Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com