Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NDY-4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NDY-4-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NDY-4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NDY-4-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NDY-4-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NDY-4-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NDY-4-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M6NDY
M6NDY SPECIFICATIONS
ES-7903 Rev.8 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
7.5 (.30)
DIN RAIL HOOK
102 (4.02)
[1 (.04)]
8–M3
SCREW TERMINAL
WIRE INSERTION ANGLE
: approx. 35°
SCREWDRIVER *
INSERTION ANGLE
: approx. 55°
SCREWDRIVER
INSERTION ANGLE
: approx. 40°
DIN RAIL
35mm wide
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.
*Screwdriver stem diameter: 6 mm (.24”) or less
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
S
Z
Low Drift
Amplifier
Output
Driver
+
1
2
3
4
+
OUTPUT
5
6
8
7
POWER
POWER LED
24 V DC
Supply
Shortcircuit
Portection
249.5 Ω
+
2-WIRE
TRANSMITTER
+
+
V
MONITOR
3
1
4
2
■ When Used as DC Supply
■ When Used as Isolator
249.5 Ω
+
+
2-WIRE
TRANSMITTER
+
3
1
4
2
249.5 Ω
+
+
INPUT
POWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com