Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXU-Z1R1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6DXU-Z1R1-R
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXU-Z1R1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6DXU-Z1R1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6DXU-Z1R1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6DXU-Z1R1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6DXU-Z1R1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6DXU-Z1R1-R Datasheet HTML 5Page - M-System Co.,Ltd. M6DXU-Z1R1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M6DXU
M6DXU SPECIFICATIONS
ES-7853 Rev.5 Page 2/6
http://www.m-system.co.jp/
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Input and output: Euro terminal (torque 0.3 N·m)
Power input: Via the Installation Base (model: M6DBS)
(not available for AC power input)
or Euro terminal (torque 0.3 N·m)
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: -2 – +102 %
(Negative current output is not available.)
Zero adjustment: -2 to +2 % (PC programming)
Span adjustment: 98 to 102 % (PC programming)
Burnout (thermocouple, RTD & potentiometer input):
Upscale standard; downscale or no burnout
optional by programming
Linearization (thermocouple & RTD input): Standard
Cold Junction Compensation (thermocouple input): CJC
sensor incorporated
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Programming: Downloaded from PC; input type and range,
output type and range, zero and span, burnout type,
linearization table, (max. 101 points, specified within -2 –
+102% for both input and output), user’s TC/RTD table
(max. 300 points, specified within -1000 to +1000 mV for
TC or 0 to 20 kΩ for RTD), etc.
For detailed information, refer to the users manual for the
PC configurator.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
■ DC Current: Input resistor incoporated
(If not specified, the input range is 4 – 20 mA DC.)
Input range: 0 – 50 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
■ DC Voltage
•Code S1 (narrow spans)
Input range: -1000 – +1000 mV DC
Minimum span: 100 mV
•Code S2 (wide spans)
Input range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is shown below.
S1: 0 – 100 mV DC
S2: 1 – 5 V DC
■ Thermocouple
Input resistance: ≥ 1 MΩ
Burnout sensing: ≤ 3 μA
Minimum span: 20°C or 36°F
If not specified, the input range is shown below.
T1 PR: 0–1600°C
T2 K: 0–1000°C
T3 E: 0–500°C
T4 J: 0–500°C
T5 T: 0–300°C
T6 B: 500–1600°C
T7 R: 500–1600°C
T8 S: 0–1600°C
TN N: 0–1000°C
■ RTD: 2- , 3- or 4-wire RTD
Maximum leadwire resistance: 10 Ω per wire
Sensing current: ≤ 1.0 mA
Minimum span: 20°C or 36°F
Resistance range:
0 - 500 Ω (Input code: 1, 3, 4, 5, 9)
0 - 5 kΩ (Input code: 7)
If not specified, the input range is 100°C.
■ Potentiometer
Sensing current: ≤ 1.0 mA
Minimum span
0 – 100 Ω : 10 Ω
0 – 300 Ω : 30 Ω
0 – 600 Ω : 60 Ω
0 – 1200 Ω : 120 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com