Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXU-S2R1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6DXU-S2R1-R
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXU-S2R1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6DXU-S2R1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6DXU-S2R1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6DXU-S2R1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6DXU-S2R1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6DXU-S2R1-R Datasheet HTML 5Page - M-System Co.,Ltd. M6DXU-S2R1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M6DXU
M6DXU SPECIFICATIONS
ES-7853 Rev.5 Page 4/6
http://www.m-system.co.jp/
output
Absolute accuracy in °C: 0.25°C (see the above table)
CJC error (3°C) added: 3.25°C
➠ Input accuracy = 3.25°C ÷ 1000°C × 100 = 0.325 %
Output span: 16 mA (20 – 4)
➠ Output accuracy = 20 mA ÷ 16 mA × 0.04 = 0.05 %
➠ Overall accuracy including CJC error = 0.325 + 0.05 =
±0.38 % of span
• RTD
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy: (whichever is greater)
±0.1 % of input range or ±0.15°C (Pt and JPt)
±1°C (Cu 10)
Output accuracy: ±0.04% of max. output range
[Example] Pt 100, 0 – 100°C, Output Type -5 – +5V, Output
Range 1 – 5V
Input Accuracy* (0.15°C**) ÷ Span (100°C) × 100 %
+ Max. Output Range (10V) ÷ Span (4V) × 0.04 %
= ±0.25 %
* Calculate the accuracy in °C.
** 100°C × 0.1 % = 0.1°C ≤ 0.15°C. 0.15°C is used as input
accuracy value.
• Potentiometer
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy: (% of range)
0 – 100 Ω : ±0.05 %
0 – 300 Ω : ±0.05 %
0 – 600 Ω : ±0.03 %
0 – 1200 Ω : ±0.03 %
0 – 2500 Ω : ±0.01 %
0 – 5000 Ω : ±0.01 %
Output accuracy: ±0.04% of max. output range
[Example] Total Resistance 0 – 1200 Ω, Input Range 250–
750 Ω, Output Type -5 – +5 V, Output Range 1 – 5 V
Max. Input Range (1200 Ω) ÷ Span (500 Ω) × 0.03 %
+ Max. Output Range (10 V) ÷ Span (4 V) × 0.04 %
= ±0.18 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com