Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXU-T0R1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6DXU-T0R1-R
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXU-T0R1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6DXU-T0R1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6DXU-T0R1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6DXU-T0R1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6DXU-T0R1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6DXU-T0R1-R Datasheet HTML 5Page - M-System Co.,Ltd. M6DXU-T0R1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M6DXU
M6DXU SPECIFICATIONS
ES-7853 Rev.5 Page 3/6
http://www.m-system.co.jp/
0 – 2500 Ω : 250 Ω
0 – 5000 Ω : 500 Ω
If not specified, the input range is 0 – 1200 Ω.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 20.4 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 11 V max.
(e.g. 4 – 20 mA: 550 Ω [11 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V2 (wide spans)
Output range: -10 – +10 V DC
Conformance range: -10.4 – +10.4 V DC
Minimum span: 1 V
Code V3 (narrow spans)
Output range: -5 – +5 V DC
Conformance range: -5.2 – +5.2 V DC
Minimum span: 0.5 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2: 0 – 10 V DC
V3: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC: Max. 2 VA
•DC: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6DBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Cold junction compensation error (thermocouple input):
±3°C at 25 ±10°C
±5.4°F at 77 ±18°F
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: (0 – 90 %)
DC voltage or current: ≤ 0.5 s
Thermocouple, RTD, potentiometer: ≤ 1 s
Burnout response time (thermocouple, RTD, potentiometer
input): ≤ 10 s
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
Accuracy
• DC voltage or current
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy: (% of range)
-1000 – +1000 mV : ±0.01 %
-10 – +10 V : ±0.01 %
0 – 50 mA : ±0.02 % (Except the accuracy of input resistor.)
Output accuracy: ±0.04% of max. output range
[Example] Input Type -10 – +10 V, Input Range 1 – 5 V,
Output Type -5 – +5 V, Output Range 1 – 5 V
Input accuracy = Max. Input Range (20 V) ÷ Span (4 V) ×
0.01 % = 0.05 %
Output accuracy = Max. Output Range (10 V) ÷ Span (4 V)
× 0.04 % = 0.1 %
Accuracy= ±0.15 %
• Thermocouple
Overall accuracy: Input accuracy + output accuracy
Input accuracy: Accuracy + Cold Junction Compensation
Error 3°C (5.4°F)
Output accuracy: Max. Output Range ÷ Span × ±0.04%
T/C
ACCURACY (°C)
CONFORMANCE RANGE (°C)
(PR)
±1.00
0 – 1760
K (CA)
±0.25
-150 – +1370
E (CRC)
±0.20
-170 – +1000
J (IC)
±0.25
-180 – +1200
T (CC)
±0.25
-170 – +400
B (RH)
±0.75
400 – 1760
R
±0.50
200 – 1760
S
±0.50
0 – 1760
N
±0.30
-130 – +1300
T/C
ACCURACY (°F)
CONFORMANCE RANGE (°F)
(PR)
±1.80
32 – 3200
K (CA)
±0.45
-238 – +2498
E (CRC)
±0.36
-274 – +1832
J (IC)
±0.45
-292 – +2192
T (CC)
±0.45
-274 – +752
B (RH)
±1.35
752 – 3200
R
±0.90
392 – 3200
S
±0.90
32 – 3200
N
±0.54
-202 – +2372
[Example] K thermocouple, 0 – 1000°C, 4 – 20 mA DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com