Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452968 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452968
Description  Printed-circuit board connector - BCVP-508WF-18 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452968 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452968 Datasheet HTML 1Page - PHOENIX CONTACT 5452968 Datasheet HTML 2Page - PHOENIX CONTACT 5452968 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452968
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-508WF-18 BK - 5452968
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 18, Pitch: 5.08 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452968

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452960 PHOENIX-5452960 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-10 BK
04/25/2016
5452961 PHOENIX-5452961 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-11 BK
5452962 PHOENIX-5452962 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-12 BK
5452963 PHOENIX-5452963 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-13 BK
5452964 PHOENIX-5452964 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-14 BK
More results

Similar Description - 5452968

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452954 PHOENIX-5452954 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 4 BK
5452957 PHOENIX-5452957 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 7 BK
5452962 PHOENIX-5452962 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-12 BK
5452965 PHOENIX-5452965 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-15 BK
5452966 PHOENIX-5452966 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-16 BK
5452969 PHOENIX-5452969 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF-19 BK
5452952 PHOENIX-5452952 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 2 BK
04/25/2016
5452953 PHOENIX-5452953 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 3 BK
04/25/2016
5452955 PHOENIX-5452955 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 5 BK
04/25/2016
5452959 PHOENIX-5452959 Datasheet
92Kb / 3P
Printed-circuit board connector - BCVP-508WF- 9 BK
04/25/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com