Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1535 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1535
Description  High Efficiency 1.2MHz, 2A Step Up Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1535 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1535 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1535 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OPERATION
The
HM1535 uses a fixed frequency,
peak current mode boost regulator
architecture to regulate voltage at the
feedback pin. The operation of the
HM1535 can be understood by referring
to the block diagram of Figure 3. At the
start of each oscillator cycle the
MOSFET is turned on through the control
circuitry. To prevent sub-harmonic
oscillations at duty cycles greater than 50
percent, a stabilizing ramp is added to
the output of the current sense amplifier
and the result is fed into the negative
input of the PWM comparator. When this
voltage equals The output voltage of the
error amplifier the power MOSFET is
turned off. The voltage at the output of
the error amplifier is an amplified version
of the difference between the 0.6V band
gap reference voltage and the feedback
voltage. In this way the peak current
level keeps the output in regulation. If the
feedback voltage starts to drop, the
output of the error amplifier increases.
These results in more current to flow
through the power MOSFET, thus
increasing the power delivered to the
output. The
HM1535 has internal soft
start to limit the amount of input current
at startup and to also limit the amount of
overshoot on the output.
Figure 3. Functional Block Diagram
HM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com