Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1532 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1532
Description  1.2MHz, PWM/PFM switching control, DC-DC boost controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1532 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1532 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1532 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HM1532
1.2MHz,PWM/PFM 切换控制,DC-DC 升压控制器
方框图

图 2
电气特性

(除特殊注明以外: VDD = 3.3 V、Ta = 25°C)
4 / 15
项目
符号
条件
最小
典型
最大
单位
测试电
路
输入电压
VDD
---
1.8
5.5
V
2
FB电压
VFB
---
0.588
0.6
0.612
V
2
FB端子输入电
流
IFB
VDD=1.8 V~5.5 V
-0.1
---
0.1
uA
2
工作时消耗电流
*1
ISS1
切换工作时,无负载
VFB=VFB(S)×0.95
---
350
---
uA
1
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com