Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1530 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1530
Description  3A 380KHz 18V Buck DC to DC Converte
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1530 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1530 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1530 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Shenzhen H&M Semiconductor Co.Ltd
http: //www.hmsemi.com
Ordering Information
Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operation is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 20
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (SOP8)
(Junction to Ambient, No Heatsink, Free Air)
RJA
100
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Lead Free
HM1530E1
HM1530E
1
Tube
HM1530TRE1
HM1530E
1
Tape & Reel
3A 380KHz 18V Buck DC to DC Converte
HM1530
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com