Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1489 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1489
Description  Input range synchronous buck controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1489 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1489 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1489 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
B
Bllo
occkk D
Diia
ag
grra
am
m
Control
Logic
P Gate
N Gate
+
_
+
_
1
Current
Sensor1
Current
Sensor2
8
7
Cable
COMP
_
RAMP
+
_
2
OTP
VCC
UVLO
9
5
6
4
3
Reference
Generator
0.51V
1.84V
0.7V
0.11V
0.11V
EN
FB
CS1
CS2
VIN
PDRI
NDRI
SW
GND
Error
Amp.
+
_
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com