Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1308 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1308
Description  PWM control DC-DC boost controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1308 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1308 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1308 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1308 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1308 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1308 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1308 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
■ 电学特性参数
(Ta=25°C 除非特殊指定)
项目
符号
条件
最小值
典型值
最大值
单位
测试电路
FB 控制电压
VFB
-
1.205
1.23
1.255
V
1
输出电压
VOUT
-
VIN
-
22
LX 端电压
VLX
-
-
22
工作电压
VIN
2.5
-
6
待机电流
ISTB
VCE=0V、VLX=5V
-
1
µA
3
消耗电流
1
IDD1
650
µA
2
消耗电流
2
IDD2
VIN=VLX、VFB=0.4V
-
90
3
振荡频率
FOSC
0.8
1.0
1.2
MHz
2
最大占空比
MAXDTY
VCONT=0.4V
75
%
2
效率
EFFI
VIN=3.6V;RLED=20Ω
-
88
-
%
1
电流限制
ILIM
VIN=3.6
300
mA
4
LX 导通电阻
VIN=3.6V、VLX=0.4V
2.0
Ω
2
LX 端漏电
ILXL
0
1
µA
3
CE 端高电压
VCEH
0.65
V
2
CE 端低电压
VCEL
0.2
V
2
CE 高电流
ICEH
同
IDD2
0.1
µA
3
CE 低电流
ICEL
同
ISTB
-0.1
µA
3
FB 高电流
ICEH
同
IDD2
0.1
µA
3
FB 低电流
ICEL
同
ISTB
-0.1
µA
3
HM1308



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com