Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1307 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1307
Description  low-power, full BCD code clock calendar real-time clock chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1307 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1307 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1307
4 / 14
6、电容
(TA=+25℃)
参数
符号
CONDITIONS
最小
典型
最大
单位
Pin Capacitance (SDA, SCL)
CI/O
10
pF
Capacitance Load for Each Bus Line
CB
(Note 7)
400
pF
Note 1:所有电压均为相对电压。
Note 2:设计温度下限为-40℃,未经产品测试。
Note 3:ICCS 须为 VCC = 5.0V , SDA, SCL = 5.0V。
Note 4:该周期后,产生第一个时钟脉冲。
Note 5:设备必须由内部为 SDA 信号(参见 SCL 信号的 VIH(MIN))提供一个至少 300ns 的保持时间,以此桥
接 SCL 下降沿的未定义区域。
Note 6:若设备未延伸至 SCL 信号的低谷(tLOW)时,只需要满足 tHD:DAT 的最大值即可。
Note 7:CB-单根总线上总电容。
时序图
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com