Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1084 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1084
Description  1A low dropout linear regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1084 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1084 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1084 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 04
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for Tj= +25°C.
Limits appearing in Boldface type apply over the entire junction temperature range for operation.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
Line Regulation (Note 7)
HM1084-Adj
IOUT=10mA, 2.75V≤VIN≤10V
-
-
-
-
0.3
0.4
%
∆
VOUT
HM1084-1.8
IOUT=10mA, 3.3V≤VIN≤10V
-
-
-
6
10
HM1084-3.3
IOUT=10mA, 4.8V≤VIN≤10V
-
-
-
-
6
10
HM1084-5.0
IOUT=10mA, 6.5V≤VIN≤10V
-
-
-
-
6
10
Load Regulation (Note 7)
HM1084-Adj
VIN=4.25V, 0≤IOUT≤IFULL LOAD
-
-
-
-
0.3
0.4
%
HM1084-1.8
VIN=5.0V, 0≤IOUT≤IFULL LOAD
-
-
-
-
12
20
∆
VOUT
HM1084-3.3
VIN=5.0V, 0≤IOUT≤IFULL LOAD
-
-
-
-
15
20
mV
HM1084-5.0
VIN=8.0V, 0≤IOUT≤IFULL LOAD
-
-
20
35
∆
V
Dropout Voltage (Note 8)
∆
VREF=1%, IOUT=5A
-
-
1.5
V
IO(MIN)
Minimum Load Current
VIN=10V
-
-
10
mA
ILIMIT
Current Limit
VIN=6.25V
5.5
-
-
A
IADJ
Adjust Pin Current
VIN=2.75÷10V,IOUT=10mA
-
-
120
µ
A
∆
IADJ
Adjust Pin Current Change
IOUT=10mA÷5A, VIN=2.75÷10V
-
-
5
µ
A
RR
Ripple Rejection
fRIPPLE = 120Hz, COUT=25µF
Tantalum, Iout=5A;VIN=4.25V
60
-
-
dB
S
Temperature Stability
-
0.5
-
%
NOTES 1: Rating indicate conditions for which the device is intended to be functional, but specific performance is not Guaranteeed.
For guaranteed specifications and the test conditions, see the Electrical Characteristics.
NOTES 2: Power Dissipation is kept in a safe range by current limiting circuitry. Refer to Overload Recovery
in Application Notes.
NOTES 3: The maximum power dissipation is a function of Tj(MAX), ΘjA and TA . The maximu allowable power dissipation at any ambient
temperature is PD=(Tj(MAX) – TA)ΘjA .
NOTES 4: Typical Values represent the most likely parametric norm
NOTES 5: All limits are guaranteed by testing or statistical analysis
NOTES 6: IFULL LOAD is defind in the current limit curves . The IFULL LOAD curve defines the current limit as function
NOTES 7: Load and Line regulation are measured at constant junction temperature , and are guaranteed up to the maximum power
dissipation of 30W.Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum power
dissipation will not be available over the full input/output range.
NOTES 8: Dropout voltage is specified over the full output current range of the device
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com