Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB090 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMB090
Description  Ceramic Gas Discharge Tube
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB090 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB090 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoH Compliant
S
90±30%
140±30%
200±20%
400±20%
≤500
≤600
≤600
≤900
≥100
≥100
≥100
≥100
≤1
≤1
≤1
≤1
0.5KA
0.5KA
0.5KA
0.5KA
-40°C ~ 85°C
Operating and Storage temperature
Packaging
:
《》。
.
。
ITU-T K.12 GB/T9043-2008
Reference executive standard: ITU-T K.12 GB/T9043-2008
General Technical Requirements of Gas Discharge Tubes for the
Over-voltage protection of telecommunications installations
1M Hz,
0 5V
The electrode capacitance test frequency is 1MHz and test voltage is 0.5V.
,
,
《
》.
.
.
Ceramic Gas Discharge Tube
Catalog No
.
DC Spark Over
Voltage
100v s V
(/ )
Impulse Spark
Over Voltage
1kv μs V
(/ )
Insulation
Resistance
MΩ
Electrode
Capacitance
1MHz 0.5V PF
Impulse Discharge
Current (8/20μs
10 times)
,
,
。
2500PCS/
25000PCS
Automaton taped 2500PCS per reel, 25000PCS per carton.
Φ1.5 ± 0.1
。
(50 Hz)
1A,
The maximum AC withstand current (50 Hz) is 1A and AC voltage shall be larger than the upper limit value of DC spark-over
voltage during the test.
.
1.6 ± 0.2
3.2 ±0.2
0.5 ± 0.2
AC Discharge
Current (50Hz 1s
10 times) A
Holdover
Voltage
(V)
1A
1A
1A
1A
52
52
52
135
1.9 ±0.1
8.0 ±0.1
2.0±0.1
4.0±0.1
SMB 3.2 x 1.6 x 1.6
SMB090
75±30%
≤500
≥100
≤1
0.5KA
1A
52
SMB075
SMB140
150±30%
≤600
≥100
≤1
0.5KA
1A
52
SMB150
SMB200
230±20%
≤600
≥100
≤1
0.5KA
1A
52
SMB230
300±20%
≤800
≥100
≤1
0.5KA
1A
135
SMB300
350±20%
≤800
≥100
≤1
0.5KA
1A
135
SMB350
SMB400
470±20%
≤900
≥100
≤1
0.5KA
1A
135
SMB470
500±20%
≤900
≥100
≤1
0.5KA
1A
135
SMB500
600±20%
≤900
≥100
≤1
0.5KA
1A
135
SMB600
Rev : 01.06.2016
www.leiditech.com


Similar Part No. - SMB090

ManufacturerPart #DatasheetDescription
logo
PARKER HANNIFIN CORP
SMB003-0100-1 PARKER-SMB003-0100-1 Datasheet
405Kb / 10P
Flex-Bolt TM Sandwich Mounts
Rev.4 10/13
SMB003-0100-12 PARKER-SMB003-0100-12 Datasheet
405Kb / 10P
Flex-Bolt TM Sandwich Mounts
Rev.4 10/13
SMB003-0100-2 PARKER-SMB003-0100-2 Datasheet
405Kb / 10P
Flex-Bolt TM Sandwich Mounts
Rev.4 10/13
SMB003-0100-3 PARKER-SMB003-0100-3 Datasheet
405Kb / 10P
Flex-Bolt TM Sandwich Mounts
Rev.4 10/13
SMB003-0100-42 PARKER-SMB003-0100-42 Datasheet
405Kb / 10P
Flex-Bolt TM Sandwich Mounts
Rev.4 10/13
More results

Similar Description - SMB090

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
SMD3216-075N LEIDITECH-SMD3216-075N Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com