Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4436CS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # TSM4436CS
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM4436CS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  TSM4436CS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM4436CS Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 60-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
Optimized
for
“Low
Side”
Synchronous
Rectifier Operation
• 100 % Rg and UIS Tested
APPLICATIONS
•
CCFL Inverter
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
60
0.025 at VGS = 10 V
7.6
10.5 nC
0.030 at VGS = 4.5 V
6.5
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
7.6a
A
TC = 70 °C
6.8
TA = 25 °C
6.1b, c
TA = 70 °C
4.8b, c
Pulsed Drain Current
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.2
TA = 25 °C
2.1b, c
Avalanche Current
L = 0.1 mH
IAS
15
Single-Pulse Avalanche Energy
EAS
11.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5
W
TC = 70 °C
3.2
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
38
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
20
25
S
S
D
D
D
S
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
D
G
S
N-Channel MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TSM4436CS RL
1


Similar Part No. - TSM4436CS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM4436CS DOINGTER-TSM4436CS Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM4436CSRL TSC-TSM4436CSRL Datasheet
240Kb / 6P
60V N-Channel MOSFET
TSM4436CSRLG TSC-TSM4436CSRLG Datasheet
240Kb / 6P
60V N-Channel MOSFET
More results

Similar Description - TSM4436CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com