Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9409CS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # TSM9409CS
Description  P-Channel 60 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM9409CS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  TSM9409CS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM9409CS Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel 60 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. When mounted on 1" square PCB (FR-4 material).
c. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
-60
RDS(on) (
Ω) at VGS = -10 V
0.050
RDS(on) (
Ω) at VGS = -4.5 V
0.060
ID (A) per leg
-8
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
-8
A
TC = 125 °C
-4.75
Continuous Source Current (Diode Conduction)
IS
-4.5
Pulsed Drain Current a
IDM
-32
Single Pulse Avalanche Current
L = 0.1 mH
IAS
-22.4
Single Pulse Avalanche Energy
EAS
25
mJ
Maximum Power Dissipation a
TC = 25 °C
PD
5
W
TC = 125 °C
1.67
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount b
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
30
S
G
D
P-Channel MOSFET
S
S
D
D
D
S
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TSM9409CS RL
1


Similar Part No. - TSM9409CS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM9409CS DOINGTER-TSM9409CS Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM9409CSRF TSC-TSM9409CSRF Datasheet
356Kb / 6P
60V P-Channel MOSFET
TSM9409CSRLG TSC-TSM9409CSRLG Datasheet
213Kb / 6P
60V P-Channel MOSFET
More results

Similar Description - TSM9409CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com