Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9409CSRL Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # TSM9409CSRL
Description  P-Channel 60 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM9409CSRL Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  TSM9409CSRL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM9409CSRL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
6
12
18
24
30
0
2
4
6
8
10
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 4 V
0
2
4
6
8
10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = - 55 °C
T
C = 125 °C
0.01
0.04
0.07
0.10
0.13
0.18
0
6
12
18
24
30
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
6
12
18
24
30
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
5
10
15
20
25
0
2
4
6
8
10
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
600
1200
1800
2400
3000
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
V
GS = 3 V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TSM9409CS RL
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com