Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS22A
Description  Schottkyre ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS22A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS22A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS22A~SS220A
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AC molded plastic
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
125 °C
IF(AV)
2.0A
VRRM
20 V to 200 V
IFSM
50A
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
5.0
0.85
0.95
V
Reverse current
VR=VDC
TA=25℃
IR
0.5
mA
TA=100℃
Instantaneous forward
voltage
IF=2.0A
(2)
VF
0.50
0.55
0.70
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
℃
Items
Test conditions
UNIT
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
Thermal resistance from
junction to lead
(1)
RθJL
35
℃
/W
Maximum average forward
rectified current
IF(AV)
2A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
50
A
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
80
100
150
200
UNIT
j
Schottky rectifier
Rev :
www.leiditech.com
01.06.2016
1/3
Items
Symbol SS22A SS23A SS24A SS25A SS26A SS28ASS210ASS215A SS220A
Symbol SS22ASS23~24A SS25~26ASS28~210ASS215~220A


Similar Part No. - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS22A SSE-SS22A Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS22A BILIN-SS22A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS22A TAITRON-SS22A Datasheet
585Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
SEMTECH ELECTRONICS LTD...
SS22A SEMTECH_ELEC-SS22A Datasheet
205Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
Schottky Rectifier
More results

Similar Description - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
Schottkyre ctifier
BAS70 LEIDITECH-BAS70 Datasheet
505Kb / 3P
Schottky r e ctifier
DSK32 LEIDITECH-DSK32 Datasheet
1Mb / 3P
Schottkyre ctifier
SS12 LEIDITECH-SS12 Datasheet
1Mb / 2P
Schottkyre ctifier
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com