Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7CZ Datasheet(PDF) 1 Page - TXC Corporation.

Part # 7CZ
Description  Small Real Time Clock oscillator in SMD seam sealed ceramic package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

7CZ Datasheet(HTML) 1 Page - TXC Corporation.

  7CZ Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD RTC
Crystal Oscillators
5.0 x 3.2 x 1.2 mm 7CZ Series
Features
.
Small Real Time Clock oscillator in SMD seam sealed ceramic package.
.
4 pads design to achieve good soldering contact on PCB.
.
AT fundamental solution provides good frequency stability.
.
Tri-State function available for power saving.
.
RoHS Compliant / Pb Free.
TXC
32.7K
HAh1R-A
Dimensions
Electrical Specifications
Item / Type
7CZ
Norminal Frequency
Oscillation Mode
Output Type
Output Load
Supply Voltage
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Max. ) / Voh ( Min. )
Rise ( Tr ) / Fall ( Tf ) Time
Current Consumption
Symmetry
Start-up Time
Tri-state Voltage Vol (Max.) / Voh (Min.)
Aging ( at 25 ℃ )
AT Fundamental
CMOS
15 pF
2.5 V, 2.8 V , 3.3 V
±
25 ppm
- 40 ~ + 85 ℃
- 55 ~ + 125 ℃
0.1 VDD / 0.9 VDD
200 ns Max.
3 mA Max.
45 ~ 55 %
10 ms Max.
0.3 VDD / 0.7 VDD
±
5 ppm at first year
32.768 kHz


Similar Description - 7CZ

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HCK3261 MERCURY-HCK3261 Datasheet
124Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5761 MERCURY-HCK5761 Datasheet
129Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HW5762 MERCURY-HW5762 Datasheet
115Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TXC Corporation.
7C-SERIES TXC-7C-SERIES Datasheet
924Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7W-SERIES TXC-7W-SERIES Datasheet
971Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7X-SERIES TXC-7X-SERIES Datasheet
932Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
8N-SERIES TXC-8N-SERIES Datasheet
924Kb / 1P
Extremely small SMD seam sealed clock oscillator unit.
8R-SERIES TXC-8R-SERIES Datasheet
663Kb / 1P
Extremely small SMD seam sealed clock oscillator unit.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
Ultra small SMD seam sealed clock crystal oscillator units.
ACZ TXC-ACZ Datasheet
1,004Kb / 1P
kHZ crystals oscillator in SMD seam sealed ceramic package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com