Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF2-S2Z1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NXF2-S2Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF2-S2Z1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NXF2-S2Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF2-S2Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF2-S2Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF2-S2Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF2-S2Z1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M6NXF2
M6NXF2 SPECIFICATIONS
ES-7918 Rev.6 Page 1/5
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
2-INPUT MATH FUNCTION MODULE
(PC programmable)
Functions & Features
• 7.5-mm wide ultra-slim design
• Low profile allows the M6N module mounted in a 120-mm
deep panel
• 2-input math functions and signal selector functions
• PC programmable
• High-density mounting
• Power indicator LED
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NXF2-[1][2][3]-R[4]
ORDERING INFORMATION
• Code number: M6NXF2-[1][2][3]-R[4]
Specify a code from below for each [1] through [4].
(e.g. M6NXF2-S2Z1Z1-R/Q)
• Input 1 range (e.g. 1 – 5 V DC)
• Input 2 range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT 1
Current
Z1: Range 0 – 50 mA DC (Input resistance 24.9 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change the input type and
precise range.)
[2] INPUT 2
Same range availability as Input 1
(Configurator software is used to change the input type and
precise range.)
[3] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change the output type
and precise range.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7848)
FUNCTIONS
PC Configurator Software is used to change function type.
Math Functions:
Temperature compensation (w/o square root extraction)
Temperature compensation (with square root extraction)
Pressure compensation (w/o square root extraction)
Pressure compensation (with square root extraction)
Addition / Subtraction
Multiplication
Division
Signal Selector Functions:
High selector
Low selector
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M6NXF2-S2Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R MSYSTEM-M6NXF1-S1V2-R Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/Q MSYSTEM-M6NXF1-S1V2-R/Q Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/UL MSYSTEM-M6NXF1-S1V2-R/UL Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V3-R MSYSTEM-M6NXF1-S1V3-R Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NXF2-S2Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com