Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF1-S1Z1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NXF1-S1Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF1-S1Z1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NXF1-S1Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 5Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 6Page - M-System Co.,Ltd. M6NXF1-S1Z1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: M6NXF1
M6NXF1 SPECIFICATIONS
ES-7917 Rev.8 Page 1/7
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
FUNCTION MODULE
(PC programmable)
Functions & Features
• Single input filter and function module
• 12 types of functions are PC programmable
• 7.5-mm wide ultra-slim design
• Low profile allows the M6N module mounted in a 120-mm
deep panel
• High-density mounting
• Power and status indicator LEDs
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NXF1–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6NXF1-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M6NXF1-Z1Z1-R/UL/Q)
• Input range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 24.9 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change the input type and
precise range.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7847)
FUNCTIONS
PC Configurator Software is used to program the function.
Filter, linearization and limiter functions can be combined.
• Filter / Lag
· Moving average output
· Dead time computing
· Delay buffer (first order lag)
· Lead time computing
· Ramp buffer
• Linearization
· User’s table linearization
· Inverted output
· Square root extraction (orifice, venturi)
· X 2 (Palmer-Bowlus flume, Parshall flume)
· X 5/2 (triangular or v-notch weir)
· X 3/2 (rectangular weir)
• Limiter
· High / Low limit
Factory default function setting
Filter: Moving average
(H = 0.1, N = 1, U = 0, L = 0)
Linearization: None
Limiter: Low limit = -2 %, High limit = 102 %


Similar Part No. - M6NXF1-S1Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF2 MSYSTEM-M6NXF2 Datasheet
159Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V2-R MSYSTEM-M6NXF2-S2V2-R Datasheet
159Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V2-R/Q MSYSTEM-M6NXF2-S2V2-R/Q Datasheet
159Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V3-R MSYSTEM-M6NXF2-S2V3-R Datasheet
159Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V3-R/Q MSYSTEM-M6NXF2-S2V3-R/Q Datasheet
159Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
More results

Similar Description - M6NXF1-S1Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAS MSYSTEM-M6NXAS Datasheet
161Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com