Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF2-S3Z1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NXF2-S3Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF2-S3Z1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NXF2-S3Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF2-S3Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF2-S3Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF2-S3Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF2-S3Z1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M6NXF2
M6NXF2 SPECIFICATIONS
ES-7918 Rev.6 Page 3/5
http://www.m-system.co.jp/
K1=K2=1, A2=0%, X2=100% for temp./press. compensation
K0=0.5, K1=K2=1, A0=A1=A2=0% for four arithmetic functions
For selector functions, it equals that of the selected signal.
**Inversely proportional to the span.
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Function: Temperature compensation w/o square
root extraction; K1=K2=1, A2=0%, X2=100%
Input 1: Type -10 – +10 V / range 1 – 5 V
Input 2: Type 0 – 50 mA / range 4 – 20 mA
Output: Type 0 – 20 mA / range 4 – 20 mA
Input 1 = Max. Input Range (20 V) ÷ Span (4 V) × 0.05% =
0.25%
Input 2 = Max. Input Range (50 mA) ÷ Span (16 mA) ×
0.1% = 0.31%
Output = Max. Output Range (20 mA) ÷ Span (16 mA) ×
0.04% = 0.05%
Accuracy = 0.31% (input 2 > input 1) + 0.05% = 0.36%
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
■ FRONT VIEW (with the cover open)
■ SIDE VIEW
5
6
7
8
1
2
3
4
Output Range Selectors
Input Range Selectors
Status Indicator LED
Power LED
Configurator Jack
The DIP switch setting is required to select input and output
types before setting a precise range using PC Configurator
Software (model: M6CFG).
Refer to the instruction manual for detailed procedures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com