Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF1-S2Z1-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M6NXF1-S2Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF1-S2Z1-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  M6NXF1-S2Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 5Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 6Page - M-System Co.,Ltd. M6NXF1-S2Z1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: M6NXF1
M6NXF1 SPECIFICATIONS
ES-7917 Rev.8 Page 7/7
http://www.m-system.co.jp/
LEAD-TIME COMPUTING
The module operates a lead-time equation.
X0 (s) = (1 + Ts) X1 (s)
where
X1: Input
X0: Output
Parameters
T:
Lead-time constant (0.5000 to 100.0000 seconds)
RAMP BUFFER
The modules output does not change faster than a preset
maximum rate, positive CP and negative CN, no matter
how fast its input changes.
CP:
Maximum rate of positive output change
(0.0000 to 200.0000%/second)
CN:
Maximum rate of negative output change
(0.0000 to 200.0000%/second)
HIGH / LOW LIMIT
The output does not go above the preset high limit or
below the preset low limit.
High and Low limits are independently selectable.
USER’S TABLE LINEARIZATION
The input is converted into a linearized output according
to the user specified segment data table, defined with pairs
of X (input) and Y (output) values.
2 to 101 segment points can be specified.
INVERTED OUTPUT
The output is inversely proportional to the input.
X0 = 100 – X1
where
X1: Input (%)
X0: Output (%)
SQUARE ROOT EXTRACTION (orifice, venturi)
The output is square root of input.
___
X0 = 10
√ X1
where
X1: Input (%)
X0: Output (%)
INPUT
• Step input with lead-time constant
t
OUTPUT
t
0
0
T
INPUT
• Step input with rate-of-change limits
t
OUTPUT
t
0
0
CP
CN
X 2 OUTPUT (Palmer-Bowlus flume, Parshall flume)
X0 = X1 2 / 100
where
X1: Input (%)
X0: Output (%)
X 5/2 OUTPUT (triangular or V-notch weir)
X0 = X1 5/2 / 1000
where
X1: Input (%)
X0: Output (%)
X 3/2 OUTPUT (rectangular weir)
X0 = X1 3/2 / 10
where
X1: Input (%)
X0: Output (%)
OTHER FUNCTIONS
The low-end cutout point can be set within
0.0000 – 99.9999% of input signal.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com