Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAR-4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NXAR-4-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAR-4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NXAR-4-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAR-4-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAR-4-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAR-4-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M6NXAR
M6NXAR SPECIFICATIONS
ES-7923 Rev.4 Page 1/4
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
RTD ALARM
(PC programmable)
Functions & Features
• 7.5-mm wide ultra-slim design
• Low profile allows the M6N module mounted in a 120-mm
deep panel
• PC programmable
• Linearization and upscale and downscale burnout
protection
• High-density mounting
• Power and status indicator LEDs
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NXAR–[1]–R[2]
ORDERING INFORMATION
• Code number: M6NXAR-[1]-R[2]
Specify a code from below for each [1] and [2].
(e.g. M6NXAR-4-R/Q)
• Temperature range (e.g. 0 – 100°C)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT RTD
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +649 °C, -328 to +1200°F)
7: Pt 1000
(Usable range: -200 to +850°C, -328 to +1562°F)
9: Cu 10 @25°C
(Usable range: -50 to +250°C, -58 to +482°F)
0: Specify (Please provide a resistance table.)
(Configurator software is used to change the input type and
range. Input code 7: Pt 1000 cannot be switched to/from
other input types while its temperature range can be
changed.)
OUTPUT
Relay; SPDT or transfer contact
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Input and output: M3 screw terminal (torque 0.5 N·m)
Power input: Via the Installation Base (model: M6NBS)
or M3 screw terminal (torque 0.5 N·m)
Recommended solderless terminal: Max. 5.8 mm (0.23”)
wide; Ones with insulation sleeve do not fit.
Applicable wire size: 0.2 – 2.5 mm2
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Burnout: Upscale standard; downscale or no burnout
optional by programming
In case of upscale standard, the alarm operates as if the
input signal has exceeded over the range.
Linearization: Standard
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Alarm monitor LED: Red LED turns on when the alarm is


Similar Part No. - M6NXAR-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXAR-4-R MSYSTEM-M6NXAR-4-R Datasheet
214Kb / 4P
Screw terminal connection type ultra-thin converter M6N series
M6NXAR-4-R/Q MSYSTEM-M6NXAR-4-R/Q Datasheet
214Kb / 4P
Screw terminal connection type ultra-thin converter M6N series
More results

Similar Description - M6NXAR-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com