Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAR-7-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NXAR-7-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAR-7-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NXAR-7-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAR-7-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAR-7-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAR-7-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M6NXAR
M6NXAR SPECIFICATIONS
ES-7923 Rev.4 Page 2/4
http://www.m-system.co.jp/
tripped.
Programming: Downloaded from PC
Input type and range
Input fine adjustments
User’s RTD table (max. 300 points)
Burnout (Upscale, downscale or no burnout)
Alarm setpoint (input %)
Trip action (High or Low)
Relay coil (energized or de-energized)
Power ON delay time (0 to 999 sec.)
Alarm ON delay time (0 to 999 sec.)
Hysteresis (deadband) (input %)
Alarm test, and others
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Factory default setting
Alarm setpoint: 80%
Trip action: High
Relay coil at alarm: Energized
Power ON delay time: 5 seconds
Alarm ON delay time: 0 seconds
Hysteresis (deadband): 1.0%
Burnout: Upscale
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
Input: 2- or 3-wire RTD
Maximum leadwire resistance: 10 Ω per wire
Sensing current: ≤ 1.5 mA (≤ 0.15 mA for Pt 1000)
Minimum span: 20°C or 36°F
Resistance range:
0 - 500 Ω (Input code: 1, 3, 4, 5, 9)
0 - 5 kΩ (Input code: 7)
If not specified, the input range is 0 - 100°C.
OUTPUT SPECIFICATIONS
■ Relay Output
Relay rating:
250 V AC @2 A (cos ø = 1)
30 V DC @2 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 500 VA or 60 W
Minimum load: 5 V DC @100 mA
Mechanical life: 5 × 106 cycles (rate 180/min.)
0
50
100
Input
(%)
▲
Setpoint
Output
(3–4)ON
(3–2)ON
• Setting Example
Hi alarm (coil energized at alarm) or
Lo alarm (coil de-energized at alarm)
Alarm Trip Operation Terminal No. in parentheses
Trip operation in power failure: Terminals 3 – 4 turn ON.
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Setpoint accuracy (trip point accuracy)
Pt and JPt: Whichever greater ±0.1 % of input range or
±0.15°C
Cu10: ±1°C
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 100 % at 90 % setpoint)
Burnout response time: ≤ 1 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF SETPOINT ACCURACY
[Example] Input type Pt 100, Input range 0 – 100°C
Setpoint accuracy *1 (0.15°C *2) ÷ Span (100°C) × 100 %
*1. Calculate the accuracy in °C
*2. 100 °C × 0.1 % = 0.1 °C ≤ 0.15 °C. 0.15 °C is used as
input accuracy value.
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Pollution Degree 2
Input or power to output: Reinforced insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com