Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2VF-015W-R2/X1 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2VF-015W-R2/X1
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2VF-015W-R2/X1 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2VF-015W-R2/X1 Datasheet HTML 1Page - M-System Co.,Ltd. M2VF-015W-R2/X1 Datasheet HTML 2Page - M-System Co.,Ltd. M2VF-015W-R2/X1 Datasheet HTML 3Page - M-System Co.,Ltd. M2VF-015W-R2/X1 Datasheet HTML 4Page - M-System Co.,Ltd. M2VF-015W-R2/X1 Datasheet HTML 5Page - M-System Co.,Ltd. M2VF-015W-R2/X1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M2VF
M2VF SPECIFICATIONS
ES-5014 Rev.20 Page 5/6
http://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X1
Major specification changes
Response time: 5.3 msec. ±30 %
MODEL: M2VF–4W4W–[3]/N/X1[4]
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: M2VF-4W4W-[3]/N/X1[4]
For [3] and [4] same code as standard specification is
available.
(e.g. M2VF-4W4W-M2/N/X1/Q)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Performance in percentage of span
Response time: 5.3 msec. ±30 % (0 – 90 %)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com