Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NPP-A1A1N-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M6NPP-A1A1N-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPP-A1A1N-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M6NPP-A1A1N-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NPP-A1A1N-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NPP-A1A1N-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NPP-A1A1N-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NPP-A1A1N-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M6NPP
M6NPP SPECIFICATIONS
ES-7919 Rev.6 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
Waveform
Shaper
Output
Driver
4
5
12 V Supply
+
–
INPUT
1
3
2
+
SENSOR EXCITATION
Timer
*
* Low freq. open collector output only.
■ Mechanical Contact or Open Collector
Input Connection Examples
■ Voltage Pulse
+12V
■ Open Collector
Output Connection Examples
+
–
5
6
+
–
■ Voltage Pulse
+
–
5
6
+
–
+
+
–
–
PWR
+
+
–
–
PWR
+
–
1
2
+ 3
+
–
1
2
+ 3
POWER
LED
INPUT MONITOR LED
■ 2-Wire Current Pulse
• External DC Supply
+
2-WIRE
PICK-UP
1
2
3
–
+
2-WIRE
PICK-UP
1
2
3
–
DC SUPPLY
+
–
+
• Built-in Excitation
+
–
OUTPUT
6
POWER
7
8
+
–
POWER
200 Ω
+12V
5 kΩ
+12V
200 Ω
+12V
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com