Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NPA-A1A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NPA-A1A-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPA-A1A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NPA-A1A-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NPA-A1A-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M6NPA
M6NPA SPECIFICATIONS
ES-7904 Rev.9 Page 2/4
http://www.m-system.co.jp/
levels
Sensing voltage/current: 2.5 V DC @1 mA (approx.)
Detecting levels: ≤ 750 Ω/0.75 V for ON;
≥ 3 kΩ/1.6 V for OFF
■ Mechanical Contact
Frequency range: 0 – 0.01 Hz through 30 Hz
Pulse width time requirement: ≥ 10 msec. for both ON and
OFF
Sensing voltage/current: 2.5 V DC @1 mA (approx.)
Detecting levels: ≤ 750 Ω/0.75 V for ON;
≥ 3 kΩ/1.6 V for OFF
■ Voltage Pulse
Frequency range: 0 – 0.01 Hz through 100 kHz
Pulse width time requirement: ≥ 4 µsec. for both H and L
levels
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Max. voltage between input terminals: ±50 V
Detecting H level
5 V pulse: ≥ 3 V
24 V pulse: ≥ 14 V
Detecting L level
5 V pulse: ≤ 1 V
24 V pulse: ≤ 6 V
OUTPUT SPECIFICATIONS
■ DC Current: 2 – 20 mA DC (and 0 – 1 mA DC)
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 11 V max.
■ DC Voltage: 0 – 10 V DC
Minimum span: 1 V
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 1 V
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 60 g (2.1 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Max. 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D hazardous locations
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com