Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NPP-DNN-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NPP-DNN-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPP-DNN-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NPP-DNN-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NPP-DNN-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NPP-DNN-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NPP-DNN-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NPP-DNN-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M6NPP
M6NPP SPECIFICATIONS
ES-7919 Rev.6 Page 2/5
http://www.m-system.co.jp/
Sensing: Approx. 11 V DC @2.4 mA
Detecting levels: ≤ 1.8 kΩ/3 V for ON, ≥ 4 kΩ/5 V for OFF
■ Mechanical Contact
Maximum frequency: 30 Hz
Pulse width time requirement: ≥ 10 msec. for ON and OFF
Sensing: Approx. 11 V DC @2.4 mA
Detecting levels: ≤ 1.8 kΩ/3 V for ON, ≥ 4 kΩ/5 V for OFF
■ Voltage Pulse
Maximum frequency: 100 kHz
Pulse width time requirement: ≥ 5 μsec. for high and low
levels
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Max. voltage between input terminals: 50 V
Detecting H level
5 V pulse: ≥ 3 V
12 V, 24 V pulse: ≥ 6 V
Detecting L level
5 V pulse: ≤ 1 V
12 V, 24 V pulse: ≤ 4 V
■ Two-wire Current Pulse
Max. frequency: 100 kHz
Input resistance: Receiving resistor 200 Ω
Input range: 0 – 25 mA
Detecting levels: ≤ 5 mA for Lo, ≥ 15 mA for Hi
OUTPUT SPECIFICATIONS
■ High Frequency Open Collector:
50 V DC @100 mA (resistive load)
Maximum frequency: 100 kHz
Saturation voltage: 0.5 V DC
■ Low Frequency Open Collector:
50 V DC @100 mA (resistive load)
Maximum frequency: 30 Hz
Timer: Limits ≥ 75 msec. within 75 ±25 msec.
ON time for output logic non-inverted
OFF time for output logic inverted
Saturation voltage: 0.5 V DC
■ Voltage Pulse
Maximum frequency: 100 kHz
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5 V
Load resistance:
≥ 1.0 kΩ for 5 V
≥ 2.4 kΩ for 12 V
≥ 4.8 kΩ for 24 V
INSTALLATION
Power consumption: Approx. 1 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 60 g (2.1 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com