Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2RTS-R-2E-P/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2RTS-R-2E-P/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2RTS-R-2E-P/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2RTS-R-2E-P/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2RTS-R-2E-P/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2RTS-R-2E-P/CE Datasheet HTML 3Page - M-System Co.,Ltd. M2RTS-R-2E-P/CE Datasheet HTML 4Page - M-System Co.,Ltd. M2RTS-R-2E-P/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M2RTS
M2RTS SPECIFICATIONS
ES-5096 Rev.11 Page 5/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
5
9
21.5 (.85)
86.7 (3.41)
7.3 (.29)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
116.7 (4.59)
• When mounting, no extra space is needed between units.
1
4
8
12
14 13
TERMINAL ASSIGNMENTS unit: mm (inch)
5
8
9
12
14 13
INPUT RESISTOR
(model: REM2)
Input shunt resistor attached
for current input.
1
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
Base Socket
S
Z
1
Low Drift
Amplifier
Output
Driver
OUTPUT
4
5
8
9
12
U(+)
V(–)
POWER
13
14
+
*
*Input shunt resistor attached for current input.
INPUT
R
Digital
Computation
UP/DOWN
SW
RATIO/BIAS
SELECTOR
Ratio/Bias
Display
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com