Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5TS-81-M/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M5TS-81-M/Q
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5TS-81-M/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M5TS-81-M/Q Datasheet HTML 1Page - M-System Co.,Ltd. M5TS-81-M/Q Datasheet HTML 2Page - M-System Co.,Ltd. M5TS-81-M/Q Datasheet HTML 3Page - M-System Co.,Ltd. M5TS-81-M/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: M5TS
M5TS SPECIFICATIONS
ES-2462 Rev.12 Page 4/4
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
5 6
7 8
1
2
3 4
CJC Sensor
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*
Isolation
Low Drift
Amplifier
Burnout
Output
Driver
S
Z
+
–
T/C
comp. leadwire
3
2
1
4
+
–
Linearizer
Amplifier
Cold Junction
Compensation
CJC
SENSOR
metal leg
model: CJM
+
–
OUTPUT
5
6
8
7 U(+)
V(–)
POWER
POWER LED
*Deleted with B thermocouple
*
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com