Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2PHS2L-AD-M/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2PHS2L-AD-M/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PHS2L-AD-M/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2PHS2L-AD-M/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2PHS2L-AD-M/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2PHS2L-AD-M/CE Datasheet HTML 3Page - M-System Co.,Ltd. M2PHS2L-AD-M/CE Datasheet HTML 4Page - M-System Co.,Ltd. M2PHS2L-AD-M/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M2PHS2
M2PHS2 SPECIFICATIONS
ES-5105 Rev.8 Page 5/5
http://www.m-system.co.jp/
HOLD MODES
■ PEAK HOLD MODE
The transmitter output responds only to an increasing
signal, holding the maximum value until a higher signal or a
command to reset is received.
■ VALLEY HOLD MODE
The transmitter output responds only to a decreasing signal,
holding the minimum value until a lower signal or a
command to reset is received.
■ PEAK-TO-PEAK HOLD MODE
The transmitter output responds only when the input signal
goes over the previously monitored maximum value or goes
below the previously monitored minimum value.
The output is proportional to the peak-to-peak value,
absolute difference between the maximum and the
minimum values.
t
HOLD
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
t
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
INPUT
OUTPUT
RESET
• Peak-to-Peak Hold Mode
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com