Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5TS-22-M/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M5TS-22-M/Q
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5TS-22-M/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M5TS-22-M/Q Datasheet HTML 1Page - M-System Co.,Ltd. M5TS-22-M/Q Datasheet HTML 2Page - M-System Co.,Ltd. M5TS-22-M/Q Datasheet HTML 3Page - M-System Co.,Ltd. M5TS-22-M/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M5TS
M5TS SPECIFICATIONS
ES-2462 Rev.12 Page 2/4
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Terminal block
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +110 % at 1 – 5 V
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
At burnout: Downscale ≤ -10 %, Upscale ≥ 110 %,
For output code 4W, Downscale ≤ -3%, Upscale ≥ 103%
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Power LED: Green LED turns on when the power is supplied.
INPUT SPECIFICATIONS
Minimum span: 3 mV
Input resistance: 20 kΩ min.
Burnout sensing: 0.1 μA
Lower temperature range & span (in °C)
(PR): Lower range 0 to 880°C; min. span 370°C
K (CA): Lower range -270 to +1200°C; min. span 75°C
E (CRC): Lower range -270 to +750°C; min. span 50°C
J (IC): Lower range -210 to +800°C; min. span 60°C
T (CC): Lower range -270 to +325°C; min. span 75°C
B (RH): Lower range 0 to 750°C; min. span 780°C
R: Lower range -50 to +550°C; min. span 360°C
S: Lower range -50 to +550°C; min. span 380°C
N: Lower range -270 to +1100°C; min. span 110°C
Lower temperature range & span (in °F)
(PR): Lower range 32 to 1616°F; min. span 670°F
K (CA): Lower range -454 to +2192°F; min. span 140°F
E (CRC): Lower range -454 to +1382°F; min. span 90°F
J (IC): Lower range -346 to +1472°F; min. span 110°F
T (CC): Lower range -454 to +617°F; min. span 140°F
B (RH): Lower range 32 to 1382°F; min. span 1450°F
R: Lower range -58 to +1022°F; min. span 680°F
S: Lower range -58 to +1022°F; min. span 700°F
N: Lower range -454 to +2012°F; min. span 200°F
Note 1: The described accuracy may be partially not
satisfied when the temperature ranges below 0°C. Consult
M-System.
Note 2: Consult M-System for the range out of the above
list.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 11 V max.
■ DC Voltage
•Output code 0 (CE)
Voltage range: -10 – +10 V DC
Minimum span: 1 V
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; at ≥1 V
Max. 1.25 mA output drive for negative voltage
•Output code 01 (Not CE)
Voltage range: -1 – +1 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span
Load resistance: Min. 100 kΩ
Min. 1 MΩ for negative voltage
INSTALLATION
Power Consumption
•AC:
Approx. 2 VA at 100 V
Approx. 3 VA at 200 V
Approx. 3 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 80 g (2.8 oz)
PERFORMANCE in percentage of span
Accuracy (whichever is greater)
K, E, J: ±0.1 % of FS or ±0.2°C (±0.36°F)
T, N: ±0.2 % of FS or ±0.2°C (±0.36°F)
PR, B, R, S: ±0.3 % of FS
(at over 400°C for R, S and PR; over 770°C for B)
Cold junction compensation error
(at 20°C ±10°C or 68°F ±18°F)
K, E, J, T, N: ±0.5°C or ±0.9°F
S, R, PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength (input to output to power to ground)
DC powered: 2000 V AC @1 minute
AC powered: 1500 V AC @1 minute



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com