Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUS-162-S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KUS-162-S/Q
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KUS-162-S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KUS-162-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. KUS-162-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. KUS-162-S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: KUS
KUS SPECIFICATIONS
ES-3530 Rev.2 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
REVERSE TRANSMITTER
(isolated)
Functions & Features
• Providing a reversed output proportional to the input
signal
• High-density mounting
Typical Applications
• Matching manipulating signal with the valve action
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
K-UNIT
MODEL: KUS–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: KUS-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. KUS-6A-B/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 20 – 4 mA DC (Load resistance 750 Ω max.)
B: 10 – 2 mA DC (Load resistance 1500 Ω max.)
C: 5 – 1 mA DC (Load resistance 3000 Ω max.)
D: 20 – 0 mA DC (Load resistance 750 Ω max.)
E: 16 – 0 mA DC (Load resistance 900 Ω max.)
F: 10 – 0 mA DC (Load resistance 1500 Ω max.)
G: 1 – 0 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 10 – 0 mV DC (Load resistance 10 kΩ min.)
2: 100 – 0 mV DC (Load resistance 100 kΩ min.)
3: 1 – 0 V DC (Load resistance 100 Ω min.)
4: 10 – 0 V DC (Load resistance 1000 Ω min.)
5: 5 – 0 V DC (Load resistance 500 Ω min.)
6: 5 – 1 V DC (Load resistance 500 Ω min.)
4W: +10 – -10 V DC (Load resistance 2000 Ω min.)
5W: +5 – -5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)


Similar Part No. - KUS-162-S/Q

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KUS035N06F KEC-KUS035N06F Datasheet
103Kb / 9P
N-ch Trench MOS FET
KUS086N10D KEC-KUS086N10D Datasheet
77Kb / 7P
N-ch Trench MOS FET
KUS086N10F KEC-KUS086N10F Datasheet
78Kb / 7P
N-ch Trench MOS FET
KUS220N10D KEC-KUS220N10D Datasheet
98Kb / 9P
N-ch Trench MOS FET
logo
Amphenol Corporation
KUS2503 AMPHENOL-KUS2503 Datasheet
91Kb / 4P
Available as a broad range of resistances and material systems
More results

Similar Description - KUS-162-S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com