Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5243
Description  Silicon NPN triple diffusion mesa type(For horizontal deflection output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5243 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5243 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5243 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC5243
PC —Ta
IC —VCE
hFE —IC
VCE(sat) —IC
VBE(sat) —IC
Area of safe operation, horizontal operation ASO
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
220
180
140
100
60
20
(1)
(3)
(2)
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(P
C=3.0W)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
16
12
4
10
14
8
2
6
T
C=25˚C
200mA
600mA
400mA
800mA
I
B=1000mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.1
1
10
100
1000
T
C=100˚C
25˚C
–25˚C
V
CE=5V
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=3.5
100˚C
25˚C
T
C=–25˚C
Collector current I
C
(A)
0.1
1
10
100
0.01
0.1
1
10
100
I
C/IB=3.5
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0
2000
1600
400
1200
800
0
50
40
30
20
10
f=64kHz, T
C=25˚C
Area of safe operation for
the single pulse load curve
due to discharge in the
high-voltage rectifier tube
during horizontal operation
<1mA
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
0.01
0.1
1
10
1000
100
Note: R
th was measured at Ta=25˚C and under natural convection
(1) P
T=10V × 0.3A (3W) and without heat sink
(2) P
T=10V × 1.0A (10W) and with a 100 × 100 × 2mm Al heat sink
(1)
(2)
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com