Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS32F
Description  For surface mount Low forward pressure drop
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS32F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS32F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
最大额定值及电气特性
测量环境温度为 25℃,除非另有规定。单相半波,50HZ,阻性或感性负载。
对于容性负载,电流降额 20%。
型 号
符 号
SS32F
SS33F
SS34F
SS35F
SS36F
SS38F
SS310F
单 位
最大重复峰值反向电压
VRRM
20
30
40
50
60
80
100
V
最大平均有效值电压
VRMS
14
21
28
35
42
56
70
V
最大直流截止电压
VDC
20
30
40
50
60
80
100
V
最大平均正向整流电流 Ta=120℃
IF(AV)
3.0
A
峰值正向浪涌电流,
额定负载下,单相正弦半波 10 毫秒 ( JEDEC 方法)
IFSM
60
A
最大瞬间正向电压@3.0A
VF
0.55
0.7
0.85
V
最大反向直流电流
Ta = 25℃
@额定直流截止电压(VR=VDC)
Ta = 100℃
IR
0.5
mA
6
5
使用温度范围
TJ
-65
to+ 125
-65
to +150
℃
储存温度范围
TSTG
-65
to +150
℃
注释 :
1.
在 1MHz 下测量,施加 4.0V D.C 的反向电压.
2.
热阻是指从结至安装铜垫片端点的热阻,铜垫片面积 5×5mm(厚度 0.013mm)。
特性:
◆ 用于表面贴装
◆ 低正向压降
◆ 大电流导通能力
◆ 高可靠性
◆ 大电流浪涌能力
◆ 耐焊接热:250℃/10S,引出端 1.5mm 处
机械性能:
◆ 封
装 : 模塑封装
◆ 塑封材料:采用 UL94V-O 认可的阻燃环氧料
◆ 极
性:色带表示阴极
SMAFL
.075(1.90)
3.0A 表面贴装肖特基势垒二极管
尺寸单位:inch(mm)
SS32F THRU SS310F
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
1/1


Similar Part No. - SS32F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS32F JUXING-SS32F Datasheet
650Kb / 2P
Surface Mount Schottky Rectifiers
logo
List of Unclassifed Man...
SS32F ETC2-SS32F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SS32F KEXIN-SS32F Datasheet
858Kb / 2P
Schottky Diodes
logo
Microdiode Semiconducto...
SS32F CHENDA-SS32F Datasheet
686Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS32F YFWDIODE-SS32F Datasheet
173Kb / 3P
Surface MountSchottky Barrier Rectifier
More results

Similar Description - SS32F

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Shenzhen Taychipst Elec...
MBR1040VL TAYCHIPST-MBR1040VL Datasheet
1Mb / 2P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
logo
List of Unclassifed Man...
SFM3200-AW ETC2-SFM3200-AW Datasheet
411Kb / 8P
Low pressure drop
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Shanghai Leiditech Elec...
SS52 LEIDITECH-SS52 Datasheet
371Kb / 1P
For surface mount, low forward pressure drop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com