Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9HT11 Datasheet(PDF) 1 Page - TXC Corporation.

Part # 9HT11
Description  Ceramic surface mount package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

9HT11 Datasheet(HTML) 1 Page - TXC Corporation.

  9HT11 Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD
kHz Crystals
2.0 x 1.2 x 0.6 (max) mm 9H T11 Series
Features
.
Ceramic surface mount package.
.
Applications in mobile phone, Notebook and DSC.
.
RoHS Compliant / Pb Free.
Electrical Specifications
Equivalent Series Resistance(ESR)
Dimensions
Item / Type
T11
9H T11
Norminal Frequency
Frequency Tolerance(at 25 ℃)
Operation Temperature Range
Shunt Capacitance (C0)
Motional Capacitance (C1)
Insulation Resistance (IR)
Drive Level (DL)
Load Capacitance( CL)
Turnover Temperature (Ti)
Parabolic Coefficient (B)
Aging (at 25 ℃)
Storage Temperature Range
90 KΩ Max
32.768 KHz
±
20 ppm , or specify
– 40 ~ + 85 ℃
1.3pF typical
6.4fF typical
500 MΩ Min.
0.5 μW Max.
12.5 pF , other spec.
25 ℃ ± 5 ℃
( - 0.03 ± 0.01 ) * 10-6 / ℃2
±
3 ppm at first year
– 55 ~ +125 ℃
TAG01


Similar Part No. - 9HT11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9HT11 ETC2-9HT11 Datasheet
2Mb / 1P
2.0X1.2X0.6MM 9HT11 SERIES
More results

Similar Description - 9HT11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9717 HAMAMATSU-S9717_11 Datasheet
417Kb / 3P
High reliability, surface-mount ceramic package
logo
List of Unclassifed Man...
9HT10 ETC1-9HT10 Datasheet
251Kb / 1P
SMD TUNING FORK, Ceramic surface mount package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
Surface Mount Package
logo
Integrated Technology F...
205205B ITF-205205B Datasheet
210Kb / 5P
Ceramic Surface Mount Device (SMD) Package
2004-04-28
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
Package, Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com