Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS53C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS53C
Description  Schottky rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS53C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS53C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS53C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS53C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AB molded plastic
●
Terminals:
Solder plated, solderable per
JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
5.0A
VRRM
20 V to 200 V
IFSM
150A
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.55 × 0.55'' ( 14 × 14 mm ) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
Note 2: Pulse test:300μs pulse width,1% duty cycle.
mA
VF
V
0.5
UNIT
SS515~520
V
42
56
70
105
140
V
80
60
150
200
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
100
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
Maximum average forward
rectified current
IF(AV)
5A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
150
A
60
80
100
Maximum DC blocking voltage
VDC
20
30
40
50
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
℃
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
Thermal resistance from
junction to lead
(1)
RθJL
20
℃
/W
Tj=25℃
IR
Tj=100℃
Instantaneous forward
voltage
IF=5.0A
(2)
10.0
0.50
0.55
0.70
0.85
0.95
Reverse current
VR=VDC
DO-214AB (SMC)
Pb
–65 to +150
SS52C~SS520C
Schottky rectifier
Items
Symbol SS52C SS53C SS54C SS55C SS56C SS58C SS510CSS515CSS520C UNIT
Items
Test conditions
SS52
SS53~54
SS55~56
SS58~510
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - SS53C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS53C BILIN-SS53C Datasheet
159Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS53C LUGUANG-SS53C Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SS53C DSK-SS53C Datasheet
285Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS53C BILIN-SS53C Datasheet
177Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS53C BILIN-SS53C Datasheet
539Kb / 4P
Schottky Barrier Rectifiers
Rev.B
More results

Similar Description - SS53C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com