Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACZ Datasheet(PDF) 1 Page - TXC Corporation.

Part # ACZ
Description  kHZ crystals oscillator in SMD seam sealed ceramic package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

ACZ Datasheet(HTML) 1 Page - TXC Corporation.

  ACZ Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
Features
.
kHZ crystals oscillator in SMD seam sealed ceramic package.
.
4 pads design to achieve good soldering contact on PCB.
.
AT fundamental solution provides good frequency stability.
SMD RTC
Crystal Oscillators
5.0 x 3.2 x 1.2 mm ACZ Series
Electrical Specifications
Dimensions
Item / Type
ACZ
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Max. ) / Voh ( Min.)
Rise ( Tr ) / Fall ( Tf ) Time
Supply Current
Symmetry
Start-up Time
Aging ( at 25 ℃ )
Reliability Standard
CMOS
15 pF
Fundamental
1.8 V , 2.5 V , 2.8 V , 3.3 V
32.768 kHz
- 55 ~ + 125 ℃
0.1 VDD / 0.9 VDD
200 ns Max.
3 mA Max.
45 ~ 55 %
10 ms Max.
±
5 ppm / year Max.
AEC-Q100
TXC
25.0
BAY
OH
BAY
OH
±
25 ppm , ± 50 ppm , ± 100 ppm
- 40 ~ + 85 ℃
±
50 ppm , ± 100 ppm
- 40 ~ + 105 ℃


Similar Part No. - ACZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
ACZ09 CUI-ACZ09 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Same Sky Devices
ACZ09 SAMESKY-ACZ09 Datasheet
187Kb / 4P
MECHANICAL INCREMENTAL ENCODER
09/12/2024
logo
CUI INC
ACZ09BR1E-10.5FA120C CUI-ACZ09BR1E-10.5FA120C Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
ACZ09BR1E-10.5FD120C CUI-ACZ09BR1E-10.5FD120C Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
More results

Similar Description - ACZ

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
CERAMIC SEAM SEALED SMD CRYSTAL
logo
List of Unclassifed Man...
7M-30.000MAAJ-T ETC-7M-30.000MAAJ-T Datasheet
1Mb / 1P
SMD SEAM SEALING CRYSTALS
logo
Fox Electronics
FD FOX-FD Datasheet
504Kb / 2P
Ceramic Seam Sealed SMD Crystal
logo
TXC Corporation.
7CZ TXC-7CZ Datasheet
930Kb / 1P
Small Real Time Clock oscillator in SMD seam sealed ceramic package.
7XZ TXC-7XZ Datasheet
930Kb / 1P
Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
8WZ TXC-8WZ Datasheet
949Kb / 1P
Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
AB-SERIES TXC-AB-SERIES Datasheet
985Kb / 1P
Reliable seam sealed ceramic package.
logo
Suzhou HangJing Electro...
CO22H4 HANGJING-CO22H4 Datasheet
463Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.5X2.0MM CERAMIC SEAM SEAL PACKAGE.
CO75C6 HANGJING-CO75C6 Datasheet
394Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE.
logo
Renesas Technology Corp
495-25-141 RENESAS-495-25-141 Datasheet
274Kb / 3P
Ceramic, Seam-Sealed, SMD, Crystal
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com