Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SDM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6SDM
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SDM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6SDM Datasheet HTML 1Page - M-System Co.,Ltd. M6SDM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M6SDM
M6SDM SPECIFICATIONS
ES-7986 Rev.3 Page 1/2
http://www.m-system.co.jp/
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
BLANK FILLER MODULE
Functions & Features
• Used to fill blank slots on an installation base
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6SDM
ORDERING INFORMATION
• Code number: M6SDM
INSTALLATION
Mounting: Installation Base (model: M6SBS)
Weight: 60 g (2.1 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
102 (4.02)
116 (4.57)
[5 (.20)]
DIN RAIL
35mm wide
5.9 (.23)
The terminals are Not to be used as relaying boards.


Similar Part No. - M6SDM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SDY MSYSTEM-M6SDY Datasheet
147Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDY-4-R MSYSTEM-M6SDY-4-R Datasheet
147Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDY-4-R/Q MSYSTEM-M6SDY-4-R/Q Datasheet
147Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDY-4-R/UL MSYSTEM-M6SDY-4-R/UL Datasheet
147Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDY-5-R MSYSTEM-M6SDY-5-R Datasheet
147Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results

Similar Description - M6SDM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPP MSYSTEM-M6SPP Datasheet
157Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPA MSYSTEM-M6SPA Datasheet
146Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXR MSYSTEM-M6SXR Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXF1 MSYSTEM-M6SXF1 Datasheet
205Kb / 6P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVF MSYSTEM-M6SVF Datasheet
137Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com