Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXU-R30-M2 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M6NXU-R30-M2
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXU-R30-M2 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M6NXU-R30-M2 Datasheet HTML 1Page - M-System Co.,Ltd. M6NXU-R30-M2 Datasheet HTML 2Page - M-System Co.,Ltd. M6NXU-R30-M2 Datasheet HTML 3Page - M-System Co.,Ltd. M6NXU-R30-M2 Datasheet HTML 4Page - M-System Co.,Ltd. M6NXU-R30-M2 Datasheet HTML 5Page - M-System Co.,Ltd. M6NXU-R30-M2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: M6NXU
M6NXU SPECIFICATIONS
ES-7925 Rev.5 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
4
7
8
3
1
2
5
6
3
2
1
max.
min.
A
B
A
A
B
B
A
B
B
17Ω
*1
OUTPUT
POWER
+
–
U (+)
V (–)
CONFIGURATOR
JACK
Low Drift
Amplifier
Digital
Computation
STATUS LED
+
–
2-wire
3-wire
4-wire
RTD
T/C
DC
POT.
+
–
+
–
+
– Current Input (Z1)
Voltage Input (S1, S2)
+
–
*2
CJC
SENSOR
comp. leadwire
DIP SW
DIP SW
Isolation
Output
Driver
*1. Input shunt resistor incorporated for current input.
*2. CJC sensor incorporated for thermocouple input.
*3. Available only for DC power input type
*3
POWER
POWER LED
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com