Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS152C Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS152C
Description  15 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS152C Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS152C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS152C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS152C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

*
8".###
3###: ; !"#versus
 :#6. 6.#
6.#
+*
+&
%
)
m
!"#
%'
)%
*'
&'
('
)''
+'')
+''%
+''*
+''&
+')
+'%
+'*
+'&
+)
+%
7
,°
*
&
)'
)*'
)
)''
*
'
,'
)''
),'
(
,
:
:  !"#versus
<!$8.# &'02 8.#
!"#
8.#
%
&
)' %'
&' ('
*'
%''
%,'
4''
),% ),*,
),, ),)'
2
,°
100°
SS152C-SS1510C
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com