Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5270 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5270
Description  Silicon NPN triple diffusion mesa type(For horizontal deflection output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5270 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5270 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5270 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC5270, 2SC5270A
PC —Ta
hFE —IC
VCE(sat) —IC
Area of safe operation (ASO)
Area of safe operation, horizontal operation ASO
tf —IB
tstg —IB
0
160
40
120
80
140
20
100
60
0
140
120
40
100
80
20
60
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink.
(3) Without heat sink
(P
C=3.0W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
1105
103
10
104
102
1
102
10
V
CE=5V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(mA)
102
103
104
105
0
5000
4000
3000
2000
1000
I
C/IB=4
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0.001
0.01
0.1
1
100
10
10ms
100ms
1ms
t=100
µs
DC
I
CP
I
C
Non repetitive pulse
T
C=25˚C
Collector to emitter voltage V
CE
(V)
0
2000
500
1500
1000
0
50
40
30
20
10
f=64kHz, T
C<90˚C
Area of safe operation with
respect to the single pulse
overload curve at the time of
switching ON, shutting down
by the high voltage spark,
holding down and like that,
during horizontal operation.
<1mA
Collector to emitter voltage V
CE
(V)
05
4
13
2
0
1.0
0.8
0.6
0.4
0.2
0.6
0.7
0.5
0.3
0.1
T
C=25˚C
I
C=6A
fH=64kHz
End-of-scan current I
B end
(A)
05
4
13
2
0
10
8
6
4
2
9
7
5
3
1
T
C=25˚C
I
C=6A
fH=64kHz
End-of-scan current I
B end
(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com